Part Number Hot Search : 
53120 DMR14A P202K T04CO T04CO AK8855 KBP304G VQ100
Product Description
Full Text Search
 

To Download BL-R4532A-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Chip Package Part No. Material/ Emitted Color GaAsP/GaAs/ Red GaP/GaP/ Bright Red GaAsP/GaP/ Hi-Eff Red GaP/GaP/ Green GaAsP/GaP/ Yellow GaAsP/GaP/ Orange GaP/GaP/ Pure Green GaAsP/GaAs/ Red GaP/GaP/ Bright Red GaAsP/GaP/ Hi-Eff Red GaP/GaP/ Green GaAsP/GaP/ Yellow GaAsP/GaP/ Orange GaP/GaP/ Pure Green GaAsP/GaAs/ Red GaP/GaP/ Bright Red GaAsP/GaP/ Hi-Eff Red GaP/GaP/ Green GaAsP/GaP/ Yellow GaAsP/GaP/Amber GaP/GaP/ Pure Green GaAsP/GaAs/ Red GaP/GaP/ Bright Red GaAsP/GaP/ Hi-Eff Red GaP/GaP/ Green GaAsP/GaP/ Yellow GaAsP/GaP/ Orange GaP/GaP/ Pure Green GaAsP/GaAs/ Red GaP/GaP/ Bright Red GaAsP/GaP/ Hi-Eff Red GaP/GaP/ Green GaAsP/GaP/ Yellow GaAsP/GaP/ Orange GaP/GaP/ Pure Green GaAsP/GaAs/ Red GaP/GaP/ Bright Red GaAsP/GaP/ Hi-Eff Red GaP/GaP/ Green GaAsP/GaP/ Yellow GaAsP/GaP/ Orange GaP/GaP/ Pure Green GaAsP/GaAs/ Red GaP/GaP/ Bright Red GaAsP/GaP/ Hi-Eff Red GaP/GaP/ Green GaAsP/GaP/ Yellow GaAsP/GaP/ Orange GaAsP/GaAs/ Red GaP/GaP/ Bright Red GaAsP/GaP/ Hi-Eff Red GaP/GaP/ Green GaAsP/GaP/ Yellow Peak Wave Length p (nm) 655 700 635 568 585 635 555 655 700 635 568 585 635 555 655 700 635 568 585 610 555 655 700 635 568 585 635 555 655 700 635 568 585 635 555 655 700 635 568 585 635 555 655 700 635 568 585 635 655 700 635 568 585 Lens Appearance
Electro-optical Data(At 20mA) Viewing Vf Iv Angle Drawing (V) (mcd) Pd If Peak 2 1/2 No. (deg) (nm) (mw) (mA) (mA) Typ Max Typ. 40 90 45 30 35 45 25 40 90 45 30 35 45 25 40 90 45 30 35 35 25 40 90 45 30 35 25 30 40 90 45 30 35 25 30 40 90 45 30 35 45 25 40 90 45 30 35 25 40 90 45 30 35 80 40 80 80 80 80 80 80 40 80 80 80 80 80 80 40 80 80 80 80 80 80 40 80 80 80 80 80 80 40 80 80 80 80 80 80 40 80 80 80 80 80 80 40 80 80 80 80 80 40 80 80 80 40 15 30 30 30 30 30 40 15 30 30 30 30 30 40 15 30 30 30 30 30 40 ed15 30 30 30 30 30 40 15 30 30 30 30 30 40 15 30 30 30 30 30 40 15 30 30 30 30 40 15 30 30 30 200 50 150 150 150 150 150 200 50 150 150 150 150 150 200 50 150 150 150 150 150 200 50 150 150 150 150 150 200 50 150 150 150 150 150 200 50 150 150 150 150 150 200 50 150 150 150 150 200 50 150 150 150 1.7 2.2 2.0 2.2 2.1 2.0 2.2 1.7 2.2 2.0 2.2 2.1 2.0 2.2 1.7 2.2 2.0 2.2 2.1 2.0 2.2 1.7 2.2 2.0 2.2 2.1 2.0 2.2 1.7 2.2 2.0 2.2 2.1 2.0 2.2 1.7 2.2 2.0 2.2 2.1 2.0 2.2 1.7 2.2 2.0 2.2 2.1 2.0 1.7 2.2 2.0 2.2 2.1 2.0 2.6 2.6 2.6 2.6 2.6 2.6 2.0 2.6 2.6 2.6 2.6 2.6 2.6 2.0 2.6 2.6 2.6 2.6 2.6 2.6 2.0 2.6 2.6 2.6 2.6 2.6 2.6 2.0 2.6 2.6 2.6 2.6 2.6 2.6 2.0 2.6 2.6 2.6 2.6 2.6 2.6 2.0 2.6 2.6 2.6 2.6 2.6 2.0 2.6 2.6 2.6 2.6 0.6 1.0 4.0 4.0 3.0 4.0 0.5 0.4 0.6 2.0 2.0 1.5 2.0 0.3 16.0 20.0 50.0 50.0 45.0 45.0 10.0 0.8 2.0 3.0 3.0 2.5 3.0 0.6 2.0 6.0 10.0 10.0 8.0 10.0 1.5 2.0 3.0 12.0 12.0 10.0 12.0 1.5 0.4 0.8 5.0 5.0 4.0 0.4 0.4 0.8 4.0 4.0 3.0
Absolute Maximum Ratings
1.7x4.0x 6.9mm 1.0" Lead Rectangular
1.4x4.7x 5.1mm 1.0" Lead Rectangular
2.0x4.0x 5.0mm 1.0" Lead Rectangular
2.0x5.0x 7.8mm 0.5" Lead Rectangular
2.0x5.0x 7.8mm 1.0" Lead Rectangular
2.0x5.0x 7.5mm 1.0" Lead Rectangular
2.0x5.0x 7.5mm 1.0" Lead Rectangular
2.5x5.1x 5.4mm 1.0" Lead Rectangular Remark
BL-R1141H BL-R5141H BL-R4541H BL-R2141H BL-R3141H BL-R4141H BL-R9141H BL-R1131K BL-R5131K BL-R4531K BL-R2131K BL-R3131K BL-R4131K BL-R9131K BL-R1331T BL-R5331T BL-R4331T BL-R2331T BL-R3331T BL-R8331T BL-R9331T BL-R1122 BL-R5122 BL-R4522 BL-R2122 BL-R3122 BL-R4122 BL-R9122 BL-R1132 BL-R5132 BL-R4632 BL-R2132 BL-R3132 BL-R4132 BL-R9132 BL-R1132A-T BL-R5132A-T BL-R4532A-T BL-R2132A-T BL-R3132A-T BL-R4132A-T BL-R9132A-T BL-R1132B BL-R5132B BL-R4532B BL-R2132B BL-R3132B BL-R4132B BL-R1132C BL-R5132C BL-R4532C BL-R2132C BL-R3132C
Red Diffused Green Diffused Yellow Diffused Orange Diffused Green Diffused Red Diffused Green Diffused Yellow Diffused Orange Diffused Green Diffused
140
L-065
120
L-066
Water Clear
85
L-067
Red Diffused Green Diffused Yellow Diffused Orange Diffused Green Diffused Red Diffused Green Diffused Yellow Diffused Orange Diffused Green Diffused Red Diffused Green Diffused Yellow Diffused Orange Diffused Green Diffused Red Diffused Green Diffused Yellow Diffused Orange Diffused Red Diffused Green Diffused Yellow Diffused
140
L-068
120
L-069
130
L-070
120
L-071
130
L-072
1.Hi-Eff Red / High-Efficiency Red. 2.Trans / Transparent. 3.2 1/2 The off-axis angle at which the luminous intensity is half the axial luminous intensity.
Yellow Stone corp.
886-2-28221522 FAX:886-2-28202309
YELLOW STONE CORP. Specifications subject to change without notice.
www.ystone.com.tw
L-065
BL-Rxx41H Series
4.0(.157) 1.7(.067)
L-066
4.7(.185)
BL-Rxx31K Series
1.4(.055)
6.9(.272) 1.5(.059) MAX. 0.5(.020) SQ.TYP. 4.1(.161) 1.0(.039) MIN. 2.54(.100) NOM. 1.5(.059) MAX.
5.1(.201)
0.5(.020) SQ.TYP.
CATHODE
CATHODE
25.4(1.00) MIN.
25.4(1.00) MIN. 4.8(.189)
1.8(.071) 2.54(.100) NOM.
1.0(.039) MIN.
1.5(.059)
L-067
BL-Rxx31T Series
4.0(.157) 1.90(.075)
L-068
5.0(.197)
BL-Rxx22 Series
2.0(.079)
5.0(.197) 1.5(.059) MAX. 6.0(.236) 1.8(.071)
CATHODE
25.4(1.0) MIN. 4.1(.161) 2.00(.079) 1.0(.04) MIN.
1.5(.059) MAX.
CATHODE
0.5(.02) SQ. TYP.
12.7(.500) MIN.
0.5(.020) SQ.TYP. 5.1(.201) 2.8(.110)
1.0(.039) MIN. 2.29(.090) NOM.
2.54 (.10) NOM.
L-069
BL-Rxx32 Series
5.0(.197) 2.0(.079)
L-070
BL-Rxx32A-T Series
5.0(.197) 2.0(.079)
6.0(.236) 1.8(.071) 1.5(.059) MAX. 0.5(.020) SQ.TYP.
6.5(.256) 1.0(.039) 0.5(.020) SQ.TYP.
1.5(.059) MAX.
CATHODE
25.4(1.00) MIN. 5.1(.201) 1.00(.039) MIN. 2.8(.110)
CATHODE
25.4(1.00) MIN. 6.4(.252) 1.0(.039) MIN. 2.0(.079)
2.54(.100) NOM.
2.54(.100) NOM.
L-071
BL-Rxx32B Series
4.8(.189) 1.9(.075)
L-072
5.0(.197)
BL-Bxx32C Series
2.2(.087)
6.3(.248) 2.0(.079) 1.5 (.059) MAX. 0.7(.03) 1.5(.059) MAX. 0.5(.020) SQ.TYP. 5.4(.213)
CATHODE
4.9(.193)
CATHODE
25.4(1.00) MIN.
25.4(1.00) MIN. 5.2(.205) 2.3(.091)
0.5(.02) SQ. TYP.
2.8(.11) 1.0 (.04) MIN.
1.0(.039) MIN. 2.54(.100) NOM.
2.54 (.10) NOM.
Notes
1.All Dimensions are in millimeters (inches). 2.Tolerance isA0.25mm (.010 ).
Yellow Stone corp.
886-2-28221522 FAX:886-2-28202309
YELLOW STONE CORP. Specifications subject to change without notice.
www.ystone.com.tw


▲Up To Search▲   

 
Price & Availability of BL-R4532A-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X